Part Number Hot Search : 
RF2365 M62320FP NTE2318 HER205 H11B2X L78S09 04597 S25S20PT
Product Description
Full Text Search
 

To Download GP20D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
SEMICONDUCTOR
RC GP
GP20A THRU GP20M
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts Forward Current -2.0Amperes
FEATURES
GPRC( Glass Passivated Rectifier Chip) inside Glass passivated cavity-free junction 2.0Ampere operation at Ta=75aeand 55aewith no thermal runaway Typical IR less than 0.1uA High temperature soldering guaranteed:260ae /10 seconds Plastic Package has Under writers Laboratory Flammability Classtification 94V-0 0.140(3.8) 0.104(2.8) DIA
JF
DO-15
Capable of meeting environmental standards of MIL-S-19500
1.0(25.4) MIN
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic body Terminals: Lead solderable per MIL-STD-750,method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.014ounce, 0.39 gram 0.036(0.90) 0.028(0.70) DIA
0.300(7.60) 0.230(5.60)
1.0(25.4) MIN
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave 60Hz,,resistive or inductive load. For capacitive load, derate by 20%.)
Symbols Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum average Forward Rectified Current 0.375"(9.5mm)lead length at TA=75 C Peak Forward Surge Current (8.3ms half sinewave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 2.0 A Maximum Reverse current at rated DC Blocking Voltage T A =25 C T A =100 C GP 20A 50 35 50 GP 20B 100 70 100 GP 20D 300 210 300 GP 20G 400 280 400 2.0 65.0 GP 20J 600 420 600 GP 20K 200 140 200 GP 20M 1000 700 1000 Units
VRRM VRMS VDC I(AV) IFSM VF IR R
JA
Volts Volts Volts Amps Amps Volts A
C/W PF C
1.0 5.0 50.0 25.0 25.0
Typical Thermal Resistance (Note 2) Typical Junction Capacitance(Note 1) Operating and Storage Temperature Range
CJ TJ TSTG
-50 to+175
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm)lead length , P.C.B. mounted
7-26
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096 WWW.JIFUSEMICON.COM
SILICON RECTIFIER
RATINGS AND CHARACTERISTIC CURVES GP20A THRUGP20M
FIG.1-FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD CURRENT( AMPERES)
2.5 2.0 1.5 1.0 0.5 00 25 50 75 100 150 125 175
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
AVERAGE FORWARD CURRENT AMPERES
FIG.2-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 10 1 0.1
TJ=25 C PULSE WIDTH=300 S 1% DUTY CYCLE
LEAD TEMPERATURE ( C)
FIG.3-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
0.01 0.8 1.0 1.2 1.4 0.6 1.5
INSTANTANEOUS FORWARD V OLTAGE (VOL TS)
10
NUMBER OF CYCLES AT 60Hz
100
INSTANTANEOUS REVERSE CURRENT ( A)
100 80 60 40 20 0 1
PEAK FORWARD SURGE CURRENT(AMPERES)
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
10 1.0 0.1
TJ=25 C TJ=100 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
100
JUNCTION CAPACITANCE(pF)
0.01 20 40 60 80 100 120 140 0
TJ=25 C
PERCENT OF RATED PEAK REVERSE VOLT AGE %)
10
1 0.1 1 10 100
REVERSE VOLTAGE. (VOL TS)
7-27
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096 WWW.JIFUSEMICON.COM
SCHOTTKY SILICON RECTIFIER


▲Up To Search▲   

 
Price & Availability of GP20D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X